PART |
Description |
Maker |
PT233 |
Analog Function Switch
|
Princeton Technology Co...
|
NJU7313A NJU7313AL NJU7313AM |
ANALOG FUNCTION SWITCH
|
NJRC[New Japan Radio]
|
M66261FP M66261 |
6 5 CROSSPOINT SWITCH with MIXING 6 ?5 CR SS OINT SWITCH with MIXING FUNCTION From old datasheet system 6 x 5 CROSSPOINT SWITCH with MIXING FUNCTION
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
KTK5132 KTK5132E |
SMOS FET/ Analog Switch Application N CHANNEL MOS FIELD EFFECT TRANSISTOR (ULTRA-HIGH SPEED SWITCHING/ ANALOG SWITCH)
|
Korea Electronics (KEC) KEC(Korea Electronics)
|
KTK5131E |
SMOS FET/ Analog Switch Application N CHANNEL MOS FIELD EFFECT TRANSISTOR (ULTRA-HIGH SPEED SWITCHING/ ANALOG SWITCH)
|
Korea Electronics (KEC) KEC(Korea Electronics)
|
MC74VHC1GT66DTT1 MC74VHC1GT66-D |
SPST Analog Switch , TTL Level Single Supply Analog Switch
|
ON Semiconductor
|
QD5C090-50 CJ5C090-50 CJ5C090-60 LD5C090-60 MD5C09 |
Rotary Switch; No. of Switch Positions:5; Circuitry:DPST; Contact Current Max:250mA; Contact Rating:250mA at 125VAC; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Flatted Actuator; Switch Function:DPST UV-Erasable/OTP PLD UV-Erasable/OTP可编程逻辑器件
|
TE Connectivity, Ltd.
|
ADM706P ADM706PAN ADM706PAR ADM706R ADM706RAN ADM7 |
3 V, Voltage Monitoring uP Supervisory Circuits 3 V/ Voltage Monitoring uP Supervisory Circuits Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:SPST; Package/Case:16-SOIC; Leaded Process Compatible:No; Leakage Current:1nA; No. of Channels:4; On Resistance, Rds(on):100ohm; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3 V, Voltage Monitoring uP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 ECONOLINE: REC3-DRWI/A - 3W DIP Package Isolated Dual Outputs Vout1 / Vout2- Input / Output 2KVDC Isolation min.- UL94V-0 Package Material- Continuous Short Circiut Protection Auto-Restarting (V1)- Wide Input 2:1- Internal SMD design- 100% Burned In
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
NL7WB66 NL7WB66_D NL7WB66/D NL7WB66US NL7WB66USG |
Dual SPST Analog Switch Ultra-Small SPST Analog Switch Insulation Displacement (IDC) Connector; No. of Contacts:16; Contact Termination:IDC; Gender:Male; Contact Plating:Gold RoHS Compliant: Yes
|
ONSEMI[ON Semiconductor]
|
SRJ23A3BBBNN |
Rocker Switch; Circuitry:SPST-NO; Switch Operation:On-On; Contact Current Max:20A; Contact Rating:20A; Leaded Process Compatible:Yes; Mounting Type:Panel; Peak Reflow Compatible (260 C):No; Switch Function:SPST-NO
|
THE CHERRY CORP
|
HS-303RH-T01 HS-303RH |
Analog Switch, SPDT, Dual, NOpen/NClosed, TTL Compliant Inputs, 14 Pins, CMOS, Rad-Hard Radiation Hardened CMOS Dual SPDT Analog Switch
|
Intersil Corporation
|